PART |
Description |
Maker |
MAX3450E08 MAX3450EEUD MAX3451EEUD MAX3452EEUD MAX |
隆戮15kV ESD-Protected USB Transceivers 卤15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers LINE TRANSCEIVER, PDSO14
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
MAX3180E MAX3180EEUK-T MAX3181EEUK-T MAX3182EEUK-T |
±15kV ESD-Protected, 0.5µA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5 15kV ESD-Protected, 0.5A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 "?à15kV ESD-Protected, 0.5?A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5" ±15kV ESD-Protected, 0.5μA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected 0.5A 3V to 5.5V 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected / 0.5A / 3V to 5.5V / 1.5Mbps RS-232 Receivers in SOT23-5 5kV ESD-Protected, 0.5レA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 LINE RECEIVER, PDSO5
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3093E MAX3093ECPE MAX3093ECSE MAX3093ECUE MAX30 |
±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers Replaced by TMS320C6455 : Multimedia Video Processor 305-CPGA ??5kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers Floating-Point Digital Signal Processor 256-BGA QUAD LINE RECEIVER, PDSO16 15kV ESD-Protected / 10Mbps / 3V/5V / Low-Power Quad RS-422/RS-485 Receivers " ?à15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers" 15kV ESD-Protected 10Mbps 3V/5V Low-Power Quad RS-422/RS-485 Receivers 【15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers ±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
|
MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ADM3307EARU-REEL ADM3307EACP ADM3307EACP-REEL ADM3 |
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle??/a> 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?/a> 15 kV ESD Protected/ 2.7 V to 3.6 V Serial Port Transceivers with Green Idle 15 kV ESD Protected/ 2.7 V to 3.6 V Serial Port Transceiver with Green Idle 10-825810-AAP 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle 15 kV的ESD保护.7 V.6 V绿色串口收发器闲置⑩ 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle TRIPLE LINE TRANSCEIVER, PDSO28 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle TRIPLE LINE TRANSCEIVER, QCC32 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle??/span>
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3095 MAX3095CEE MAX3095CPE MAX3095CSE MAX3095EE |
±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers 【15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers From old datasheet system ±15kV ESD-Protected, 10Mbps, 3V/5V,Quad RS-422/RS-485 Receivers 15kV ESD-Protected / 10Mbps / 3V/5V / Quad RS-422/RS-485 Receivers Video/Imaging Fixed-Point Digital Signal Processor 548-FC/CSP QUAD LINE RECEIVER, PDSO16 Replaced by TMS320C6455 : QUAD LINE RECEIVER, PDSO16
|
MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MAX13442E-11 MAX13443E |
±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
MAX221E MAX221ECAE MAX221ECUE MAX221EEAE MAX221EEU |
±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown 15kV ESD-Protected, 5V, 1A, Single RS-232 Transceiver with AutoShutdown 【15kV ESD-Protected, 5V, 1レA, Single RS-232 Transceiver with AutoShutdown ±15kV ESD-Protected, 5V, 1µA, Single RS-232 Transceiver with AutoShutdown
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ISL4238EIRZ ISL4245EIRZ-T ISL4238E ISL4238EIR ISL4 |
QFN Packaged, 卤15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown(QFN灏??, 卤15kV ESD ?叉?, 2.7V??5.5V, 10Nanoamp, 250kbps/1Mbps, ?锋????????????S-232?跺??? 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PQCC32 QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown(QFN封装, ±15kV ESD 防护, 2.7V5.5V, 10Nanoamp, 250kbps/1Mbps, 具有自动断电功能的RS-232收发 QFN Packaged, 5kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown QFN Packaged, 【15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ADM3485EARZ-REEL ADM3485EAR-REEL ADM3485EAR-REEL7 |
ESD Protected, EMC Compliant, 3.3V, 12 Mbps, EIA RS-485 Transceiver; Package: SOIC; No of Pins: 8; Temperature Range: Industrial LINE TRANSCEIVER, PDSO8 ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
|
Analog Devices, Inc.
|
|